Part Number Hot Search : 
10E471 UN6124 HFBR5112 74AHCT1 3VS1U MAX1419 00266 421012F
Product Description
Full Text Search
 

To Download K7B321825M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  K7B321825M 1mx36 & 2mx18 synchronous sram - 1 - rev 2.0 nov. 2003 k7b323625m document title 1mx36 & 2mx18-bit synchronous burst sram the attached data sheets are prepared and approved by samsung electronics. samsung electronics co., ltd. reserve the right to c hange the specifications. samsung electronics will evaluate and reply to your requests and questions on the parameters of this device. if you have any ques- tions, please contact the samsung branch office near your office, call or contact headquarters. revision history rev. no. 0.0 0.1 0.2 0.3 0.4 0.5 1.0 1.1 2.0 remark advance preliminary preliminary preliminary preliminary preliminary final final final history 1. initial draft 1. add 165fbga package 1. update jtag scan order 1. change pin out for 165fbga - x18/x36 ; 11b => from a to nc , 2r ==> from nc to a . 1. insert pin at jtag scan order of 165fbga in connection with pin out change - x18/x36 ; insert pin id of 2r to bit number of 69 1. add icc, isb, isb1 and isb2 values. 1. correct the pin name of 100tqfp. 1. change the stand-by current (isb) before after isb - 65 : 100 140 - 75 : 90 130 - 85 : 80 130 isb1 : 90 110 isb2 : 80 100 1. delete the 119bga and 165fbga package. 2. delete the 8.5ns speed bin draft date may. 10. 2001 aug. 29. 2001 dec. 03. 2001 feb. 14 . 2002 apr. 20. 2002 may. 10. 2002 oct. 15. 2002 oct. 17, 2003 nov. 18, 2003
K7B321825M 1mx36 & 2mx18 synchronous sram - 2 - rev 2.0 nov. 2003 k7b323625m 32mb sb/spb synchronous sram ordering information org. part number mode vdd speed sb ; access time(ns) spb ; cycle time(mhz) pkg temp 2mx18 K7B321825M-qc65/75 sb 3.3 6.5/7.5ns q: 100tqfp c ; commercial temp.range i ; industrial temp.range k7a321800m-qc(i)25/20/14 spb(2e1d) 3.3 250/200/138mhz 1mx36 k7b323625m-q)c65/75 sb 3.3 6.5/7.5ns k7a323600m-qc(i)25/20/14 spb(2e1d) 3.3 250/200/138mhz
K7B321825M 1mx36 & 2mx18 synchronous sram - 3 - rev 2.0 nov. 2003 k7b323625m 1mx36 & 2mx18-bit synchronous burst sram the k7b323625m and K7B321825M are 37,748,736-bit syn- chronous static random access memory designed for high performance second level cache of pentium and power pc based system. it is organized as 1m(2m) words of 36(18) bits and integrates address and control registers, a 2-bit burst address counter and added some new functions for high performance cache ram applications; gw , bw , lbo , zz. write cycles are internally self- timed and synchronous. full bus-width write is done by gw , and each byte write is per- formed by the combination of we x and bw when gw is high. and with cs 1 high, adsp is blocked to control signals. burst cycle can be initiated with either the address status pro- cessor( adsp ) or address status cache controller( adsc ) inputs. subsequent burst addresses are generated internally in the system s burst sequence and are controlled by the burst address advance( adv ) input. lbo pin is dc operated and determines burst sequence(linear or interleaved). zz pin controls power down state and reduces stand-by cur- rent regardless of clk. the k7b323625m and K7B321825M are fabricated using sam- sung s high performance cmos technology and is available in a 100pin tqfp package. multiple power and ground pins are utilized to minimize ground bounce. general description features logic block diagram ? synchronous operation. ? on-chip address counter. ? self-timed write cycle. ? on-chip address and control registers. ? 3.3v+0.165v/-0.165v power supply. ? i/o supply voltage 3.3v+0.165v/-0.165v for 3.3v i/o or 2.5v+0.4v/-0.125v for 2.5v i/o ? 5v tolerant inputs except i/o pins. ? byte writable function. ? global write enable controls a full bus-width write. ? power down state via zz signal. ? lbo pin allows a choice of either a interleaved burst or a lin- ear burst. ? three chip enables for simple depth expansion with no data contention only for tqfp. ? asynchronous output enable control. ? adsp , adsc , adv burst control pins. ? ttl-level three-state output. ? 100-tqfp-1420a package clk lbo adv adsc adsp cs 1 cs 2 cs 2 gw bw we x oe zz dqa 0 ~ dqd 7 or dqa0 ~ dqb7 burst control logic burst 1mx36 , 2mx18 address control data-in address counter memory array register register logic c o n t r o l r e g i s t e r c o n t r o l r e g i s t e r a 0 ~a 1 a 0 ~a 1 or a 2 ~a 20 or a 0 ~a 20 dqpa ~ dqpd a 0 ~a 19 a 2 ~a 19 (x=a,b,c,d or a,b) dqpa,dqpb output buffer fast access times parameter symbol -65 -75 unit cycle time t cyc 7.5 8.5 ns clock access time t cd 6.5 7.5 ns output enable access time t oe 3.5 3.5 ns
K7B321825M 1mx36 & 2mx18 synchronous sram - 4 - rev 2.0 nov. 2003 k7b323625m pin configuration (top view) pin name notes : 1. a 0 and a 1 are the two least significant bits(lsb) of the address field and set the internal burst counter if burst is desired. symbol pin name tqfp pin no. symbol pin name tqfp pin no. a 0 - a 19 adv adsp adsc clk cs 1 cs 2 cs 2 we x(x=a,b,c,d) oe gw bw zz lbo address inputs burst address advance address status processor address status controller clock chip select chip select chip select byte write inputs output enable global write enable byte write enable power down input burst mode control 32,33,34,35,36,37,39 42,43,44,45,46,47,48, 49,50,81,82,99,100 83 84 85 89 98 97 92 93,94,95,96 86 88 87 64 31 v dd v ss n.c. dqa 0 ~a 7 dqb 0 ~b 7 dqc 0 ~c 7 dqd 0 ~d 7 dqpa~p d v ddq v ssq power supply(+3.3v) ground no connect data inputs/outputs output power supply (2.5v or 3.3v) output ground 15,41,65,91 17,40,67,90 14,16,38,66 52,53,56,57,58,59,62,63 68,69,72,73,74,75,78,79 2,3,6,7,8,9,12,13 18,19,22,23,24,25,28,29 51,80,1,30 4,11,20,27,54,61,70,77 5,10,21,26,55,60,71,76 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 100 pin tqfp (20mm x 14mm) dqpc dqc 0 dqc 1 v ddq v ssq dqc 2 dqc 3 dqc 4 dqc 5 v ssq v ddq dqc 6 dqc 7 n.c. v dd n.c. v ss dqd 0 dqd 1 v ddq v ssq dqd 2 dqd 3 dqd 4 dqd 5 v ssq v ddq dqd 6 dqd 7 dqpd 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 dqpb dqb 7 dqb 6 v ddq v ssq dqb 5 dqb 4 dqb 3 dqb 2 v ssq v ddq dqb 1 dqb 0 v ss n.c. v dd zz dqa 7 dqa 6 v ddq v ssq dqa 5 dqa 4 dqa 3 dqa 2 v ssq v ddq dqa 1 dqa 0 dqpa 1 0 0 9 9 9 8 9 7 9 6 9 5 9 4 9 3 9 2 9 1 9 0 8 9 8 8 8 7 8 6 8 5 8 4 8 3 8 2 a 6 a 7 c s 1 c s 2 w e d w e c w e b w e a c s 2 v d d v s s c l k g w b w o e a d s c a d s p a d v a 8 8 1 a 9 5 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 a 1 5 a 1 4 a 1 3 a 1 2 a 1 1 a 1 0 a 1 7 a 1 8 v d d v s s a 1 9 n . c . a 0 a 1 a 2 a 3 a 4 a 5 3 1 l b o a 1 6 k7b323625m(1mx36)
K7B321825M 1mx36 & 2mx18 synchronous sram - 5 - rev 2.0 nov. 2003 k7b323625m pin configuration (top view) pin name notes : 1. a 0 and a 1 are the two least significant bits(lsb) of the address field and set the internal burst counter if burst is desired. symbol pin name tqfp pin no. symbol pin name tqfp pin no. a 0 - a 20 adv adsp adsc clk cs 1 cs 2 cs 2 we x(x=a,b) oe gw bw zz lbo address inputs burst address advance address status processor address status controller clock chip select chip select chip select byte write inputs output enable global write enable byte write enable power down input burst mode control 32,33,34,35,36,37,39 42,43,44,45,46,47,48, 49,50 80,81,82,99,100 83 84 85 89 98 97 92 93,94 86 88 87 64 31 v dd v ss n.c. dqa 0 ~ a 7 dqb 0 ~ b 7 dqpa, pb v ddq v ssq power supply(+3.3v) ground no connect data inputs/outputs output power supply (2.5v or 3.3v) output ground 15,41,65,91 17,40,67,90 1,2,3,6,7,14,16,25,28,29, 30,38,51,52,53,56,57,66, 75,78,79,95,96 58,59,62,63,68,69,72,73 8,9,12,13,18,19,22,23 74,24 4,11,20,27,54,61,70,77 5,10,21,26,55,60,71,76 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 100 pin tqfp (20mm x 14mm) n.c. n.c. n.c. v ddq v ssq n.c. n.c. dqb 0 dqb 1 v ssq v ddq dqb 2 dqb 3 n.c. v dd n.c. v ss dqb 4 dqb 5 v ddq v ssq dqb 6 dqb 7 dqpb n.c. v ssq v ddq n.c. n.c. n.c. 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 n.c. n.c. v ddq v ssq n.c. dqpa dqa 7 dqa 6 v ssq v ddq dqa 5 dqa 4 v ss n.c. v dd zz dqa 3 dqa 2 v ddq v ssq dqa 1 dqa 0 n.c. n.c. v ssq v ddq n.c. n.c. n.c. 1 0 0 9 9 9 8 9 7 9 6 9 5 9 4 9 3 9 2 9 1 9 0 8 9 8 8 8 7 8 6 8 5 8 4 8 3 8 2 a 6 a 7 c s 1 c s 2 n . c . n . c . w e b w e a c s 2 v d d v s s c l k g w b w o e a d s c a d s p a d v a 8 8 1 a 9 5 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 a 1 5 a 1 4 a 1 3 a 1 2 a 1 1 a 1 8 a 1 9 v d d v s s a 2 0 n . c . a 0 a 1 a 2 a 3 a 4 a 5 3 1 l b o a 1 6 K7B321825M(2mx18) a 1 7 a 10
K7B321825M 1mx36 & 2mx18 synchronous sram - 6 - rev 2.0 nov. 2003 k7b323625m function description the k7b323625m and K7B321825M are synchronous sram designed to support the burst address accessing sequence of the power pc based microprocessor. all inputs (with the exception of oe , lbo and zz) are sampled on rising clock edges. the start and duration of the burst access is controlled by adsc , adsp and adv and chip select pins. the accesses are enabled with the chip select signals and output enabled signals. wait states are inserted into the access with adv . when zz is pulled high, the sram will enter a power down state. at this time, internal state of the sram is preserved. when zz returns to low, the sram normally operates after 2cycles of wake up time. zz pin is pulled down internally. read cycles are initiated with adsp (or adsc ) using the new external address clocked into the on-chip address register when both gw and bw are high or when bw is low and we a, we b, we c, and we d are high. when adsp is sampled low, the chip selects are sampled active, and the output buffer is enabled with oe . the data of cell array accessed by the current address are projected to the output pins. write cycles are also initiated with adsp (or adsc ) and are differentiated into two kinds of operations; all byte write operation and individual byte write operation. all byte write occurs by enabling gw (independent of bw and we x.), and individual byte write is performed only when gw is high and bw is low. in k7b163625m, a 512kx36 organization, we a controls dqa0 ~ dqa7 and dqpa, we b controls dqb0 ~ dqb7 and dqpb, we c controls dqc0 ~ dqc7 and dqpc and we d controls dqd0 ~ dqd7 and dqpd. cs 1 is used to enable the device and conditions internal use of adsp and is sampled only when a new external address is loaded. adv is ignored at the clock edge when adsp is asserted, but can be sampled on the subsequent clock edges. the address increases internally for the next access of the burst when adv is sampled low. addresses are generated for the burst access as shown below, the starting point of the burst sequence is provided by the externa l address. the burst address counter wraps around to its initial state upon completion. the burst sequence is determined by the st ate of the lbo pin. when this pin is low, linear burst sequence is selected. and this pin is high, interleaved burst sequence is selected. burst sequence table (interleaved burst) lbo pin high case 1 case 2 case 3 case 4 a 1 a 0 a 1 a 0 a 1 a 0 a 1 a 0 first address fourth address 0 0 1 1 0 1 0 1 0 0 1 1 1 0 1 0 1 1 0 0 0 1 0 1 1 1 0 0 1 0 1 0 bq table (linear burst) note : 1. lbo pin must be tied to high or low, and floating state must not be allowed . lbo pin low case 1 case 2 case 3 case 4 a 1 a 0 a 1 a 0 a 1 a 0 a 1 a 0 first address fourth address 0 0 1 1 0 1 0 1 0 1 1 0 1 0 1 0 1 1 0 0 0 1 0 1 1 0 0 1 1 0 1 0
K7B321825M 1mx36 & 2mx18 synchronous sram - 7 - rev 2.0 nov. 2003 k7b323625m synchronous truth table notes : 1. x means "don t care". 2. the rising edge of clock is symbolized by - . 3. write = l means write operation in write truth table. write = h means read operation in write truth table. 4. operation finally depends on status of asynchronous input pins(zz and oe ). cs 1 cs 2 cs 2 adsp adsc adv write clk address accessed operation h x x x l x x - n/a not selected l l x l x x x - n/a not selected l x h l x x x - n/a not selected l l x x l x x - n/a not selected l x h x l x x - n/a not selected l h l l x x x - external address begin burst read cycle l h l h l x l - external address begin burst write cycle l h l h l x h - external address begin burst read cycle x x x h h l h - next address continue burst read cycle h x x x h l h - next address continue burst read cycle x x x h h l l - next address continue burst write cycle h x x x h l l - next address continue burst write cycle x x x h h h h - current address suspend burst read cycle h x x x h h h - current address suspend burst read cycle x x x h h h l - current address suspend burst write cycle h x x x h h l - current address suspend burst write cycle write truth table ( x36) notes : 1. x means "don t care". 2. all inputs in this table must meet setup and hold time around the rising edge of clk( - ). gw bw we a we b we c we d operation h h x x x x read h l h h h h read h l l h h h write byte a h l h l h h write byte b h l h h l l write byte c and d h l l l l l write all bytes l x x x x x write all bytes truth tables write truth table (x18) notes : 1. x means "don t care". 2. all inputs in this table must meet setup and hold time around the rising edge of clk( - ). gw bw we a we b operation h h x x read h l h h read h l l h write byte a h l h l write byte b h l l l write all bytes l x x x write all bytes
K7B321825M 1mx36 & 2mx18 synchronous sram - 8 - rev 2.0 nov. 2003 k7b323625m absolute maximum ratings* *notes : stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress r ating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. parameter symbol rating unit voltage on v dd supply relative to v ss v dd -0.3 to 4.6 v voltage on v ddq supply relative to v ss v ddq v dd v voltage on input pin relative to v ss v in -0.3 to v dd +0.3 v voltage on i/o pin relative to v ss v io -0.3 to v ddq +0.3 v power dissipation p d 1.6 w storage temperature t stg -65 to 150 c operating temperature t opr 0 to 70 c storage temperature range under bias t bias -10 to 85 c capacitance* (t a =25 c, f=1mhz) *note : sampled not 100% tested. parameter symbol test condition min max unit input capacitance c in v in =0v - 5 pf output capacitance c out v out =0v - 7 pf asynchronous truth table operation zz oe i/o status sleep mode h x high-z read l l dq l h high-z write l x din, high-z deselected l x high-z notes 1. x means "don t care". 2. zz pin is pulled down internally 3. for write cycles that following read cycles, the output buffers must be disabled with oe , otherwise data bus contention will occur. 4. sleep mode means power down state of which stand-by current does not depend on cycle time. 5. deselected means power down state of which stand-by current depends on cycle time. operating conditions at 3.3v i/o (0 c t a 70 c) parameter symbol min typ. max unit supply voltage v dd 3.135 3.3 3.465 v v ddq 3.135 3.3 3.465 v ground v ss 0 0 0 v operating conditions at 2.5v i/o (0 c t a 70 c) parameter symbol min typ. max unit supply voltage v dd 3.135 3.3 3.465 v v ddq 2.375 2.5 2.9 v ground v ss 0 0 0 v
K7B321825M 1mx36 & 2mx18 synchronous sram - 9 - rev 2.0 nov. 2003 k7b323625m v ss v ih v ss- 1.0v 20% t cyc (min) (v dd =3.3v+0.165v/-0.165v , v ddq =3.3v+0.165/-0.165v or v dd =3.3v+0.165v/-0.165v , v ddq =2.5v+0.4v/-0.125v, t a =0to70 c) test conditions parameter value input pulse level(for 3.3v i/o) 0 to 3.0v input pulse level(for 2.5v i/o) 0 to 2.5v input rise and fall time(measured at 20% to 80% for 3.3v i/o) 1.0v/ns input rise and fall time(measured at 20% to 80% for 2.5v i/o) 1.0v/ns input and output timing reference levels for 3.3v i/o 1.5v input and output timing reference levels for 2.5v i/o v ddq /2 output load see fig. 1 dc electrical characteristics (v dd =3.3v+0.165v/-0.165v , t a =0 c to +70 c) notes : 1. reference ac operating conditions and characteristics for input and timing. 2. data states are all zero. 3. in case of i/o pins, the max. v ih =v ddq +0.3v parameter symbol test conditions min max unit notes input leakage current(except zz) i il v dd =max ; v in =v ss to v dd -2 +2 m a output leakage current i ol output disabled, v out =v ss to v ddq -2 +2 m a operating current i cc device selected, i out =0ma, zz v il , cycle time 3 t cyc min -65 - 310 ma 1,2 -75 - 290 standby current i sb device deselected, i out =0ma, zz v il , f=max, all inputs 0.2v or 3 v dd -0.2v -65 - 140 ma -75 - 130 i sb1 device deselected, i out =0ma, zz 0.2v, f=0, all inputs=fixed (v dd -0.2v or - 110 ma i sb2 device deselected, i out =0ma, zz 3 v dd -0.2v, f=max, all inputs v il or 3 v ih - 100 ma output low voltage(3.3v i/o) v ol i ol =8.0ma - 0.4 v output high voltage(3.3v i/o) v oh i oh =-4.0ma 2.4 - v output low voltage(2.5v i/o) v ol i ol =1.0ma - 0.4 v output high voltage(2.5v i/o) v oh i oh =-1.0ma 2.0 - v input low voltage(3.3v i/o) v il -0.3* 0.8 v input high voltage(3.3v i/o) v ih 2.0 v dd +0.3** v 3 input low voltage(2.5v i/o) v il -0.3* 0.7 v input high voltage(2.5v i/o) v ih 1.7 v dd +0.3** v 3
K7B321825M 1mx36 & 2mx18 synchronous sram - 10 - rev 2.0 nov. 2003 k7b323625m output load(b), (for t lzc , t lzoe , t hzoe & t hzc ) dout 353 w / 1538 w 5pf* +3.3v for 3.3v i/o 319 w / 1667 w fig. 1 * including scope and jig capacitance output load(a) dout zo=50 w rl=50 w vl=1.5v for 3.3v i/o v ddq /2 for 2.5v i/o /+2.5v for 2.5v i/o 30pf* ac timing characteristics (v dd =3.3v+0.165v/-0.165v , t a =0 c to +70 c) notes : 1. all address inputs must meet the specified setup and hold times for all rising clock edges whenever adsc and/or adsp is sampled low and cs is sampled low. all other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected . 2. both chip selects must be active whenever adsc or adsp is sampled low in order for the this device to remain enabled. 3. adsc or adsp must not be asserted for at least 2 clock after leaving zz state. parameter symbol -65 -75 unit min max min max cycle time t cyc 7.5 - 8.5 - ns clock access time t cd - 6.5 - 7.5 ns output enable to data valid t oe - 3.5 - 3.5 ns clock high to output low-z t lzc 2.5 - 2.5 - ns output hold from clock high t oh 2.5 - 2.5 - ns output enable low to output low-z t lzoe 0 - 0 - ns output enable high to output high-z t hzoe - 3.5 - 3.5 ns clock high to output high-z t hzc - 3.8 - 4.0 ns clock high pulse width t ch 2.2 - 2.5 - ns clock low pulse width t cl 2.2 - 2.5 - ns address setup to clock high t as 1.5 - 2.0 - ns address status setup to clock high t ss 1.5 - 2.0 - ns data setup to clock high t ds 1.5 - 2.0 - ns write setup to clock high ( gw , bw , we x ) t ws 1.5 - 2.0 - ns address advance setup to clock high t advs 1.5 - 2.0 - ns chip select setup to clock high t css 1.5 - 2.0 - ns address hold from clock high t ah 0.5 - 0.5 - ns address status hold from clock high t sh 0.5 - 0.5 - ns data hold from clock high t dh 0.5 - 0.5 - ns write hold from clock high ( gw , bw , we x ) t wh 0.5 - 0.5 - ns address advance hold from clock high t advh 0.5 - 0.5 - ns chip select hold from clock high t csh 0.5 - 0.5 - ns zz high to power down t pds 2 - 2 - cycle zz low to power up t pus 2 - 2 - cycle
K7B321825M 1mx36 & 2mx18 synchronous sram - 11 - rev 2.0 nov. 2003 k7b323625m c l o c k a d s p a d s c a d d r e s s w r i t e c s a d v o e d a t a o u t t i m i n g w a v e f o r m o f r e a d c y c l e n o t e s : w r i t e = l m e a n s g w = l , o r g w = h , b w = l , w e x . = l c s = l m e a n s c s 1 = l , c s 2 = h a n d c s 2 = l c s = h m e a n s c s 1 = h , o r c s 1 = l a n d c s 2 = h , o r c s 1 = l , a n d c s 2 = l t c h t c l t s s t s h t s s t s h t a s t a h a 1 a 2 a 3 b u r s t c o n t i n u e d w i t h n e w b a s e a d d r e s s t w s t w h t c s s t c s h t a d v s t a d v h t o e t h z o e t l z o e t c d t o h ( a d v i n s e r t s w a i t s t a t e ) t h z c q 3 - 4 q 3 - 3 q 3 - 2 q 3 - 1 q 2 - 4 q 2 - 3 q 2 - 2 q 2 - 1 q 1 - 1 d o n t c a r e u n d e f i n e d t c y c
K7B321825M 1mx36 & 2mx18 synchronous sram - 12 - rev 2.0 nov. 2003 k7b323625m c l o c k a d s p a d s c a d d r e s s w r i t e c s a d v d a t a i n o e d a t a o u t t c h t c l t s s t s h t a s t a h a 1 a 2 a 3 ( a d s c e x t e n d e d b u r s t ) t l z o e d 2 - 1 d 1 - 1 t c s s t c s h ( a d v s u s p e n d s b u r s t ) d 2 - 2 d 2 - 3 d 2 - 4 d 3 - 1 d 3 - 2 d 3 - 3 d 2 - 2 d 3 - 4 q 0 - 3 q 0 - 4 t s s t s h t w s t w h t a d v s t a d v h t d s t d h t i m i n g w a v e f o r m o f w r t e c y c l e d o n t c a r e u n d e f i n e d t c y c
K7B321825M 1mx36 & 2mx18 synchronous sram - 13 - rev 2.0 nov. 2003 k7b323625m t i m i n g w a v e f o r m o f c o m b i n a t i o n r e a d / w r t e c y c l e ( a d s p c o n t r o l l e d , a d s c = h i g h ) c l o c k a d s p a d d r e s s w r i t e c s a d v o e d a t a o u t t c h t c l t d s t d h q 3 - 3 d a t a i n t o e t o h a 1 a 2 a 3 d 2 - 1 q 3 - 1 q 3 - 2 q 3 - 4 t s s t s h t a s t a h t w s t w h t a d v s t a d v h t l z o e t h z o e t c d t h z c t l z c d o n t c a r e u n d e f i n e d t c y c q 1 - 1
K7B321825M 1mx36 & 2mx18 synchronous sram - 14 - rev 2.0 nov. 2003 k7b323625m t i m i n g w a v e f o r m o f s i n g l e r e a d / w r i t e c y c l e ( a d s c c o n t r o l l e d , a d s p = h i g h ) c l o c k a d s c a d d r e s s w r i t e c s a d v o e d a t a i n t c h t c l t h z o e d 6 - 1 d a t a o u t t w s t w h t c d t o h t o e d 5 - 1 d 7 - 1 t w s t w h t l z o e t d h t d s a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 9 q 3 - 1 q 1 - 1 q 2 - 1 q 4 - 1 q 8 - 1 q 9 - 1 t c s s t c s h t s s t s h d o n t c a r e u n d e f i n e d t c y c
K7B321825M 1mx36 & 2mx18 synchronous sram - 15 - rev 2.0 nov. 2003 k7b323625m d 7 - 1 t i m i n g w a v e f o r m o f s i n g l e r e a d / w r i t e c y c l e ( a d s p c o n t r o l l e d , a d s c = h i g h ) c l o c k a d s p a d d r e s s w r i t e c s a d v o e d a t a i n t c h t c l t h z o e d a t a o u t t a s t a h t c d t o h t o e d 5 - 1 t l z o e t d h t d s a 1 a 2 a 3 a 4 a 5 a 6 a 9 q 3 - 1 q 1 - 1 q 2 - 1 q 4 - 1 q 8 - 1 q 9 - 1 t c s s t c s h t s s t s h a 7 a 8 d 6 - 1 d o n t c a r e u n d e f i n e d t c y c
K7B321825M 1mx36 & 2mx18 synchronous sram - 16 - rev 2.0 nov. 2003 k7b323625m t i m i n g w a v e f o r m o f p o w e r d o w n c y c l e c l o c k a d s p a d d r e s s w r i t e c s a d v d a t a i n t c h t c l d 2 - 2 o e t w h t h z o e t l z o e d 2 - 1 a 1 t s s t s h d a t a o u t t p u s a 2 a d s c q 1 - 1 z z t a s t a h t c s s t c s h t o e t h z c t p d s s l e e p s t a t e z z s e t u p c y c l e n o r m a l o p e r a t i o n m o d e z z r e c o v e r y c y c l e t w s d o n t c a r e u n d e f i n e d t c y c
K7B321825M 1mx36 & 2mx18 synchronous sram - 17 - rev 2.0 nov. 2003 k7b323625m application information depth expansion data address clk ads cs 2 cs 2 clk adsc we x oe cs 1 address data adv adsp 1mx36 sb sram (bank 0) cs 2 cs 2 clk adsc we x oe cs 1 address data adv adsp 1mx36 sb sram (bank 1) clk address cache controller a [0:20] a [20] a [0:19] a [20] a [0:19] i/o [0:71] microprocessor *notes : n = 14 32k depth , 15 64k depth 16 128k depth , 17 256k depth 18 512k depth , 19 1m depth clock adsp address data out interleave read timing (refer to non-interleave write timing for interleave write timing) bank 0 is selected by cs 2 , and bank 1 deselected by cs 2 q1-1 q1-2 q1-4 q1-3 oe data out t ss t sh a1 a2 write cs 1 a n+1 adv (bank 0) (bank 1) q2-1 q2-2 q2-4 q2-3 t as t ah t css t csh t ws t wh t advs t advh t oe t lzoe t hzc bank 0 is deselected by cs 2 , and bank 1 selected by cs 2 [0:n] don t care undefined t cd t lzc the samsung 1mx36 synchronous burst sram has two additional chip selects for simple depth expansion. this permits easy secondary cache upgrades from 1m depth to 2m depth without extra logic. ( adsp controlled , adsc =high)
K7B321825M 1mx36 & 2mx18 synchronous sram - 18 - rev 2.0 nov. 2003 k7b323625m application information the samsung 2mx18 synchronous burst sram has two additional chip selects for simple depth expansion. depth expansion this permits easy secondary cache upgrades from 2m depth to 4m depth without extra logic. data address clk ads microprocessor cs 2 cs 2 clk adsc we x oe cs 1 address data adv adsp 2mx18 sb sram (bank 0) cs 2 cs 2 clk adsc we x oe cs 1 address data adv adsp 2mx18 sb sram (bank 1) clk address cache controller a [0:21] a [21] a [0:20] a [21] a [0:20] i/o [0:71] clock adsp address data out interleave read timing (refer to non-interleave write timing for interleave write timing) bank 0 is selected by cs 2 , and bank 1 deselected by cs 2 q1-1 q1-2 q1-4 q1-3 oe data out t ss t sh a1 a2 write cs 1 a n+1 adv (bank 0) (bank 1) q2-1 q2-2 q2-4 q2-3 t as t ah t css t csh t ws t wh t advs t advh t oe t lzoe t hzc bank 0 is deselected by cs 2 , and bank 1 selected by cs 2 [0:n] don t care undefined t cd t lzc ( adsp controlled , adsc =high) *notes : n = 14 32k depth , 15 64k depth 16 128k depth , 17 256k depth 18 512k depth , 19 1m depth 20 2m depth
K7B321825M 1mx36 & 2mx18 synchronous sram - 19 - rev 2.0 nov. 2003 k7b323625m package dimensions 0.10 max 0~8 22.00 0.30 20.00 0.20 16.00 0.30 14.00 0.20 1.40 0.10 1.60 max 0.05 min (0.58) 0.50 0.10 #1 (0.83) 0.50 0.10 100-tqfp-1420a 0.65 0.30 0.10 0.10 max + 0.10 - 0.05 0.127 units ; millimeters/inches


▲Up To Search▲   

 
Price & Availability of K7B321825M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X